PART |
Description |
Maker |
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SCC2698B SCC2698BC1A84 SCC2698BE1A84 |
Enhanced octal universal asynchronous receiver/transmitter Octal UART
|
PHILIPS[Philips Semiconductors]
|
AD8801 AD8803 AD8801AN AD8801AR AD8803AR AD8803AN |
Octal 8-Bit TrimDAC with Power Shutdown OCTAL, SERIAL INPUT LOADING, 0.6 us SETTLING TIME, 8-BIT DAC, PDSO16 Octal 8-Bit TrimDAC with Power Shutdown & Mid-Scale Preset
|
ANALOG DEVICES INC Analog Devices, Inc.
|
ACTS373D ACTS373DMSR ACTS373HMSR ACTS373K ACTS373K |
Radiation Hardened Octal Transparent Latch/ Three-State From old datasheet system Radiation Hardened Octal Transparent Latch Three-State Radiation Hardened Octal Transparent Latch, Three-State Latch, Transparent, Octal, Tri-State, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
DAC8840 DAC8840FP DAC8840FS DAC8840FW DAC8840GBC |
8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 8-BIT DAC, PDIP24 8-Bit Octal/ 4-Quadrant Multiplying/ CMOS TrimDAC 8-Bit Octal 4-Quadrant Multiplying CMOS TrimDAC 8-Bit, Octal, 4-Quadrant Multiplying, CMOS TrimDAC 8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
|
Analog Devices, Inc. AD[Analog Devices]
|
74ACTQ245 74ACQ245 74ACTQ245MSAX 74ACQ245CW 74ACTQ |
Quiet Series Octal Bidirectional Transceiver with 3-STATE Outputs From old datasheet system Quiet Series???? Octal Bidirectional Transceiver Quiet Series???? Octal Buffer/Line Driver Quiet Series Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs Single 8-bit Bus Transceiver
|
Fairchild Semiconductor
|
SCC2698BC1A84 SCC2698B_3 SCC2698B SCC2698BE1A84 |
Enhanced octal universal asynchronous receiver/transmitter (Octal UART) From old datasheet system Enhanced octal universal asynchronous receiver/transmitter Octal UART
|
Philips NXP Semiconductors
|
74FR2240 74FR2240SC 74FR2240PC |
Octal Buffer/Line Driver with 25Series Resistors in the Outputs FR/FASTR SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25ヘ Series Resistors in the Outputs Octal Buffer/Line Driver with 25Ω Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC74LCX374FT TC74LCX374FW TC74LCX374F E005005 74LC |
Octal Buffers And Line Drivers With 3-State Outputs 20-TSSOP -40 to 85 低压八路D型倒装V容限输入和输出次浮点运算 LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
LC865608 LC865616 LC865620 LC865624 LC865628 |
Octal Buffers/Drivers With 3-State Outputs 20-PDIP -40 to 85 8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TSSOP -40 to 85
|
Sanyo Electric Co.,Ltd.
|
IS61S6432-117TQI IS61S6432-117TQ IS61S6432-117PQI |
Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-SSOP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
|
SRAM Integrated Silicon Solution Inc Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc]
|
74VHCT573AMTR 74VHCT573AM 74VHCT573A 74VHCT573ATTR |
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING 八路D型,3态输出的非反相锁 Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|